Part Number Hot Search : 
8051F122 1N5933 GA1L3N 2SC5916 LCX125 2SD1949 1SS37207 R8002ANX
Product Description
Full Text Search
 

To Download DTA124EUAFRAT106 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dta124e series pnp -100ma -50v digital transistors (bias resistor built-in transistors) datasheet ll outline parameter value vmt3 emt3f v cc -50v i c(max.) -100ma r 1 22k dta124em dta124eeb r 2 22k (sc-105aa) (sc-89) emt3 umt3f ll features 1) built-in biasing resistors, r 1 = r 2 = 22k 2) built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors (see inner circuit) . 3) the bias resistors consist of thin-film resistor s with complete isolation to allow negative biasing of the input. they also have the advantage of completely eliminating parasitic effects. 4) only the on/off conditions need to be set for operation, making the circuit design easy. 5) complementary npn types: dtc124e series 6) complex transistors: uma1n/ fma1a pnp type 7) lead free/rohs compliant. dta124ee dta124eub sot-416(sc-75a) (sc-85) umt3 smt3 dta124eua dta124eka sot-323(sc-70) sot-346(sc-59) ll inner circuit ll application switching circuit, inverter circuit, interface circ uit, driver circuit ll packaging specifications part no. package package size taping code reel size (mm) tape width (mm) basic ordering unit.(pcs) marking dta124em vmt3 1212 t2l 180 8 8000 15 dta124eeb emt3f 1616 tl 180 8 3000 15 dta124ee emt3 1616 tl 180 8 3000 15 dta124eub umt3f 2021 tl 180 8 3000 15 dta124eua umt3 2021 t106 180 8 3000 15 dta124eka smt3 2928 t146 180 8 3000 15 www.rohm.com ? 2012 rohm co., ltd. all rights reserved. 1/10 20121023 - rev.001 downloaded from: http:///
dta124e series d atasheet ll absolute maximum ratings (t a = 25c) parameter symbol values unit supply voltage v cc -50 v input voltage v in -40 to 10 v output current i o -30 ma collector current i c(max) *1 -100 ma power dissipation dta124em p d *2 150 mw dta124eeb 150 dta124ee 150 dta124eub 200 dta124eua 200 dta124eka 200 junction temperature t j 150 range of storage temperature t stg -55 to +150 ll electrical characteristics (t a = 25c) parameter symbol conditions values unit min. typ. max. input voltage v i(off) v cc = -5v, i o = -100a - - -0.5 v v i(on) v o = -0.2v, i o = -5ma -3 - - output voltage v o(on) i o / i i = -10ma / -0.5ma - -0.1 -0.3 v input current i i v i = -5v - - -0.36 ma output current i o(off) v cc = -50v, v i = 0v - - -0.5 a dc current gain g i v o = -5v, i o = -5ma 56 - - - input resistance r 1 - 15.4 22 28.6 k resistance ratio r 2 /r 1 - 0.8 1 1.2 - transition frequency f t *1 v ce = -10v, i e = 5ma, f = 100mhz - 250 - mhz *1 characteristics of built-in transistor *2 each terminal mounted on a reference footprint www.rohm.com ? 2012 rohm co., ltd. all rights reserved. 2/10 20121023 - rev.001 downloaded from: http:///
dta124e series datasheet ll e lectrical characteristic curves (t a =25c) fig.1 input voltage vs. output current (on characteristics) fig.2 output current vs. input voltage (off characteristics) fig.3 output current vs. output voltage fig.4 dc cur rent gain vs. output current www.rohm.com ? 2012 rohm co., ltd. all rights reserved. 3/10 20121023 - rev.001 downloaded from: http:///
dta124e series datasheet ll e lectrical characteristic curves (t a =25c) fig.5 output voltage vs. output current www.rohm.com ? 2012 rohm co., ltd. all rights reserved. 4/10 20121023 - rev.001 downloaded from: http:///
dta124e series datasheet ll di mensions www. rohm.com ? 2012 rohm co., ltd. all rights reserved. 5/10 20121023 - rev.001 downloaded from: http:///
dta124e series datasheet ll dimensions www.rohm.com ? 2012 rohm co., ltd. all rights reserved. 6/10 20121023 - rev.001 downloaded from: http:///
dta124e series datasheet ll dimensions www.rohm.com ? 2012 rohm co., ltd. all rights reserved. 7/10 20121023 - rev.001 downloaded from: http:///
dta124e series datasheet ll dimensions www.rohm.com ? 2012 rohm co., ltd. all rights reserved. 8/10 20121023 - rev.001 downloaded from: http:///
dta124e series datasheet ll dimensions www.rohm.com ? 2012 rohm co., ltd. all rights reserved. 9/10 20121023 - rev.001 downloaded from: http:///
dta124e series datasheet ll dimensions www.rohm.com ? 2012 rohm co., ltd. all rights reserved. 10 /10 20121023 - rev.001 downloaded from: http:///
downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of DTA124EUAFRAT106

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X